PART |
Description |
Maker |
ABC150-1005G ABC150-1024G ABC150-1T24G ABC150-1048 |
110 W convection cooled, No minimum load required
|
Power-One
|
ABC300-1T24G ABC300-1T15G ABC300-1T30G ABC300-1T48 |
200 W convection cooled, Inhibit and Power Good signals
|
Power-One
|
ZWS300BAF |
300W Single Output, Convection Cooled Power Supplies
|
TDK Electronics
|
P2750 P2750-06 P2750-08 P3257-30 P3257-31 P3981 P3 |
0.2mW; allowable current:6mA; MCT photoconductive detector: non-cooled type and TE-cooled suitable for long, continuous operation 0.2mW; allowable current:3mA; MCT photoconductive detector: non-cooled type and TE-cooled suitable for long, continuous operation 0.2mW; allowable current:50mA; MCT photoconductive detector: non-cooled type and TE-cooled suitable for long, continuous operation
|
Hamamatsu Corporation
|
2-2WI-1200S16 2-2WI-1200 2-2WI-1200S-16 |
1600 V, 1290 A, 12.5 kA water cooled A.C.switch 水冷式交流开 Computer Keyboard; No. of Keys:104; Color:Beige; Output Type:PS/2 RoHS Compliant: Yes WATERCOOLEDA.C.SWITCH WATER COOLED A.C. SWITCH
|
POSEICO SPA PowerSemiconductors POSEICO[Power Semiconductors]
|
SATCOM ACR7HXB17CFREQ TDR5HYD57CFREQ TDS5HYD57CFRE |
Temperature Compensated Crystal Oscillators(Frequency from 0.5 MHz to 160 MHz)(温度补偿晶体振荡频率变动:0.5 MHz-160 MHz)) TCXO, CLOCK, 0.5 MHz - 160 MHz, ACMOS OUTPUT TCVCXO, CLOCK, 0.5 MHz - 160 MHz, TTL OUTPUT TCXO, CLOCK, 0.5 MHz - 160 MHz, TTL OUTPUT TCXO, CLOCK, 0.5 MHz - 160 MHz, HCMOS OUTPUT
|
Vectron International, Inc.
|
LCD160G160A |
160 x 160 Dots Graphic LCD
|
Vishay Siliconix
|
LCD160G160A |
160 x 160 Dots Graphic LCD
|
Vishay Intertechnology
|
SPLLG94-P |
Conductively cooled SIRILAS? Laser Diode Array 15 W cw at 940nm Conductively cooled SIRILAS㈢ Laser Diode Array 15 W cw at 940nm
|
OSRAM GmbH
|
SPLLG98-P |
Conductively cooled SIRILAS? Laser Diode Array 15 W cw at 975nm Conductively cooled SIRILAS㈢ Laser Diode Array 15 W cw at 975nm
|
OSRAM GmbH
|
TFH160A |
160 MHz SAW Filter For CDMA Basestation Applications(160 MHz SAW滤波CDMA基站设备应用))
|
Vectron International, Inc.
|